PART |
Description |
Maker |
901-10510-1 |
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, PC MOUNT, 10 MIL PIN
|
Amphenol Corporation
|
901-10511-3 |
HIGH FREQ END LAUNCH SMA JACK ASSEMBLY, PC MOUNT, 10 MIL PIN
|
Amphenol Corporation
|
132357-57355 |
SMA END LAUNCH RECEPTACLE JACK(TAB CONTACT)
|
Amphenol Corporation
|
142-0791-811 |
JACK ASSEMBLY SELF FIXTURING END LAUNCH,SMA, .042 BOARD THICKNESS
|
Emerson Network Power
|
PE9849 |
WAVEGUIDE END LAUNCH TO SMA TYPE FEMALE FREQUENCY RANGE: 7,00~11,00 GHz
|
Pasternack Enterprises, Inc.
|
PE4542 |
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
|
Pasternack Enterprises, Inc.
|
PE4913 |
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
|
Pasternack Enterprises,...
|
R124464000 R124426123 R124553120 R124553123 |
PANEL MOUNT, FEMALE, SMA CONNECTOR, RECEPTACLE JACK, SMA, PCB, STRAIGHT; Connector type:SMA, Coaxial; Impedance:50R; Material, contact:Brass; Plating, contact:Gold over Nickel; Body style:Straight Jack; Termination method:Solder; Mounting type:PC Board; Insulation RoHS Compliant: Yes PANEL MOUNT, BOARD TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, RECEPTACLE
|
RADIALL S A
|
|